PART |
Description |
Maker |
AM29F200BT-120DPC1 AM29F200BT-75DPC1 AM29F200BT-90 |
150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3315 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL8113 with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3504 with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL42N20D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF2907Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRLIZ34N with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRFB38N20D with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9N20D with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010EZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7459 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3711ZCS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44EL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7455 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU3105 with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N15D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF2907ZL with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF640NS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3207ZPBF with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU3715Z with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3410 with Lead Free Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL31N20D with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFI540N with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package; A IRF7607 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3715ZCPBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1404ZL with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRLI3615 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7821 with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR24N15D with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3815 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL4410ZPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB42N20D with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3207ZPBF with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3711Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRFB4310 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3709ZL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP054V with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB Package; A IRF3205Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710 with Standard Packaging EEPROM EEPROM
|
EEPROM Elpida Memory, Inc.
|
IRL640S IRL640STRL IRL640STRR |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET HEXFET-R POWER MOSFET
|
IRF[International Rectifier]
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRLR024 IRLR024TRL IRLR024TRR |
HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 60V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier
|
IRLS3034PBF IRLSL3034PBF IRLS3034TRLPBF IRLS3034PB |
HEXFET Power MOSFET 195 A, 40 V, 0.0017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRFIZ34E IRFIZ34EPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
|
IRF[International Rectifier]
|
IRFR430A IRFU430A IRFU430APBF |
500V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
IRF[International Rectifier]
|
IRFS42N20D IRFSL42N20D IRFB42N20D |
200V Single N-Channel HEXFET Power MOSFET in a TO-262 package (IRFx42N20D) High frequency DC-DC converters HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRF7475 |
HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters From old datasheet system 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|